Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83N3 Datasheet(PDF) 8 Page - PerkinElmer Optoelectronics

Part # VT83N3
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT83N3 Datasheet(HTML) 8 Page - PerkinElmer Optoelectronics

Back Button VT83N3 Datasheet HTML 4Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 5Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 6Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 7Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 8Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 9Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 10Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 11Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 12Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
3
Photoconductive Cell Typical Applications
Why Use Photocells?
Photocells can provide a very economic and technically superior solution for many applications where the presence or absence of light is sensed
(digital operation) or where the intensity of light needs to be measured (analog operation). Their general characteristics and features can be
summarized as follows:
•
Lowest cost available and near-IR photo detector
•
Available in low cost plastic encapsulated packages as well as hermetic packages (TO-46, TO-5, TO-8)
•
Responsive to both very low light levels (moonlight) and to very high light levels (direct sunlight)
•
Wide dynamic range: resistance changes of several orders of magnitude between "light" and "no light"
•
Low noise distortion
•
Maximum operating voltages of 50 to 400 volts are suitable for operation on 120/240 VAC
•
Available in center tap dual cell configurations as well as specially selected resistance ranges for special applications
•
Easy to use in DC or AC circuits - they are a light variable resistor and hence symmetrical with respect to AC waveforms
•
Usable with almost any visible or near infrared light source such as LEDS; neon; fluorescent, incandescent bulbs, lasers; flame sources;
sunlight; etc
•
Available in a wide range of resistance values
Applications
Photoconductive cells are used in many different types of circuits and applications.
Analog Applications
•
Camera Exposure Control
•
Auto Slide Focus - dual cell
•
Photocopy Machines - density of toner
•
Colorimetric Test Equipment
•
Densitometer
•
Electronic Scales - dual cell
•
Automatic Gain Control - modulated light source
•
Automated Rear View Mirror
Digital Applications
•
Automatic Headlight Dimmer
•
Night Light Control
•
Oil Burner Flame Out
•
Street Light Control
•
Absence / Presence (beam breaker)
•
Position Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com