Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AA Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # US2AA
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

US2AA Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  US2AA Datasheet HTML 1Page - Diode Semiconductor Korea US2AA Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.01
0.1
1
0.6
0.8
1.0
1.2
1.4
1.6
US2JA-US2MA
US2AA-US2GA
1.8
0
PULSE WIDTH=300
s1%DUTY CYCLE
TJ=25
0
0
RES I ST I V E OR I NDU CT IVE
LO A D
25
50
75
1 0 0
1 2 5
1 5 0
1 . 0
2 . 0
2 . 4
1 . 4
0 . 8
0 . 4
0 .2X0 . 2 " ( 5 . 0 X5 . 0 m m )
CO PP ER P A D
ARE A S
0
11 0
100
T L= 110
8. 3m s S I N G LE H A LF S I N E - W A V E
( J ED EC M E T H O D )
15
10
30
25
5
20
50
45
40
35
0
0.1
10
20
40
60
80
100
0.01
TJ=125
125
100℃
25℃
1
100
0.1
1
10
0.01
0.1
1
10
100
100
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
REVERSE VOLTAGE(V)
T,PULSE DURATION,
PERCENT OF RATED PEAK REVERSE VOLTAGE. (
)
US2AA- - - US2MA
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
0.1
1
2
     TJ=25
0.2
0.4
1
2
100
4
10
40
20
10
4
6
20
40
60
200
100
US2AA-US2JA
US2KA,US2MA
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com