Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2701IRCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK2701IRCPR
Description  1.6 TO 2.7 GBPS TRANSCEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2701IRCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2701IRCPR Datasheet HTML 9Page - Texas Instruments TLK2701IRCPR Datasheet HTML 10Page - Texas Instruments TLK2701IRCPR Datasheet HTML 11Page - Texas Instruments TLK2701IRCPR Datasheet HTML 12Page - Texas Instruments TLK2701IRCPR Datasheet HTML 13Page - Texas Instruments TLK2701IRCPR Datasheet HTML 14Page - Texas Instruments TLK2701IRCPR Datasheet HTML 15Page - Texas Instruments TLK2701IRCPR Datasheet HTML 16Page - Texas Instruments TLK2701IRCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLK2701
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS429D − AUGUST 2000 − REVISED MARCH 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TTL output switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = −1 mA, VDD = MIN
1.7
2.3
V
VOL
Low-level output voltage
IOL = 1 mA, VDD = MIN
GND
0.25
0.5
V
tr(slew)
Slew rate (rising), magnitude of RX_CLK, RKLSB,
RKMSB/LOS, RXD
0.8 V to 2 V, C = 5 pF, See Figure 11
0.5
V/ns
tf(slew)
Slew rate (falling), magnitude of RX_CLK, RKLSB,
RKMSB/LOS, RXD
0.8 V to 2 V, C = 5 pF, See Figure 11
0.5
V/ns
↑
50% voltage swing,
GTX_CLK = 80 MHz, See Figure 11,
5.4
ns
tsu
RXD, RKMSB/LOS, RKLSB setup to
↑ RX_CLK
50% voltage swing,
GTX_CLK = 135 MHz, See Figure 11,
2.7
ns
↑
50% voltage swing,
GTX_CLK = 80 MHz, See Figure 11,
5.4
ns
th
RXD, RKMSB/LOS, RKLSB hold to
↑ RX_CLK
50% voltage swing,
GTX_CLK = 135 MHz, See Figure 11,
2.7
ns
RXD[0−15]
2.0 V
0.8 V
2.0 V
0.8 V
RX_CLK
RKLSB, RKMSB,
tsu
th
tf(slew)
tr(slew)
0 V
2.7 V
0 V
tr(slew)
tf(slew)
2.7 V
Figure 7. TTL Data Output Valid Levels for AC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com