Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLE/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLE/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLE/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8550TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 25Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 27Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
Programming (continued)
8.5.1.6 Control Register Write Cycle
Master device generates start condition.
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
Slave device sends acknowledge signal if the slave address is correct.
Master sends control register address (8 bits).
Slave sends acknowledge signal.
Master sends data byte to be written to the addressed register.
Slave sends acknowledge signal.
If master will send further data bytes the control register address will be incremented by one after
acknowledge signal.
Write cycle ends when the master creates stop condition.
8.5.1.7 Control Register Read Cycle
Master device generates a start condition.
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
Slave device sends acknowledge signal if the slave address is correct.
Master sends control register address (8 bits).
Slave sends acknowledge signal.
Master device generates repeated start condition.
Master sends the slave address (7 bits) and the data direction bit (r/w = 1).
Slave sends acknowledge signal if the slave address is correct.
Slave sends data byte from addressed register.
If the master device sends acknowledge signal, the control register address will be incremented by one. Slave
device sends data byte from addressed register.
Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop
condition.
Table 5. Data Read and Write Cycles
ADDRESS MODE
<Start Condition>
<Slave Address><r/w = 0>[Ack]
<Register Addr.>[Ack]
<Repeated Start Condition>
Data Read
<Slave Address><r/w = 1>[Ack]
[Register Data]<Ack or NAck>
… additional reads from subsequent register address possible
<Stop Condition>
<Start Condition>
<Slave Address><r/w=’0’>[Ack]
<Register Addr.>[Ack]
Data Write
<Register Data>[Ack]
… additional writes to subsequent register address possible
<Stop Condition>
24
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com