Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8551 Datasheet HTML 35Page - Texas Instruments LP8551 Datasheet HTML 36Page - Texas Instruments LP8551 Datasheet HTML 37Page - Texas Instruments LP8551 Datasheet HTML 38Page - Texas Instruments LP8551 Datasheet HTML 39Page - Texas Instruments LP8551 Datasheet HTML 40Page - Texas Instruments LP8551 Datasheet HTML 41Page - Texas Instruments LP8551 Datasheet HTML 42Page - Texas Instruments LP8551 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
MCU
LP8551TL
SW
FB
VLDO
GND_LED
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
10V ± 40V
5.5V ± 22V
5V
FSET
15 éH
GND
210 mA ± 400 mA
COUT
CIN
2 x 10 éF
2 x 10 éF
CVLDO
1 éF
VDDIO reference voltage
FAULT
Can be left floating
39 pF
VIN
16 k
91 k
VBATT
GND_S
GND_SW
RED line = keep routes short
Sensitive node, quiet ground!
Sensitive node, quiet ground!
Sensitive node, quiet ground!
100 nF
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
Layout Guidelines (continued)
Figure 26. LP8551 Application Schematic
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com