Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8553_14 Datasheet HTML 5Page - Texas Instruments LP8553_14 Datasheet HTML 6Page - Texas Instruments LP8553_14 Datasheet HTML 7Page - Texas Instruments LP8553_14 Datasheet HTML 8Page - Texas Instruments LP8553_14 Datasheet HTML 9Page - Texas Instruments LP8553_14 Datasheet HTML 10Page - Texas Instruments LP8553_14 Datasheet HTML 11Page - Texas Instruments LP8553_14 Datasheet HTML 12Page - Texas Instruments LP8553_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
RISET (k
)
CURRENT[7:0] = FFh
CURRENT[7:0] = 7Fh
0
50
100
150
200
250
300
80
82
84
86
88
90
92
94
96
98
100
IOUT (mA)
VBOOST = 30V
VBOOST = 35V
VBOOST = 40V
6
8
10
12
14
16
18
20
0
200
400
600
800
1,000
1,200
VBATT (V)
LOAD = 150 mA
VBOOST = 30V
VBOOST = 35V
VBOOST = 40V
0
10 20 30 40 50 60 70 80 90 100
60
65
70
75
80
85
90
95
100
DUTY CYCLE (%)
VIN = 9V
VIN = 12V
0 10 20 30 40 50 60 70 80 90 100
60
65
70
75
80
85
90
95
100
DUTY CYCLE (%)
VIN = 9V
VIN = 12V
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Typical Performance Characteristics
Unless otherwise specified: VBATT = 12.0V, CVLDO = 1 μF, L1 = 33 μH, CIN = 10 μF, COUT = 10 μF
LED Drive Efficiency, fLED = 9.6 kHz
LED Drive Efficiency, fLED = 9.6 kHz, L1 = 15 μH
Figure 3.
Figure 4.
Boost Converter Efficiency
Battery Current
Figure 5.
Figure 6.
ILED
vs.
RISET
Typical Waveforms, fLED = 9.6 kHz
Figure 7.
Figure 8.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com