Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8552 Datasheet HTML 7Page - Texas Instruments LP8552 Datasheet HTML 8Page - Texas Instruments LP8552 Datasheet HTML 9Page - Texas Instruments LP8552 Datasheet HTML 10Page - Texas Instruments LP8552 Datasheet HTML 11Page - Texas Instruments LP8552 Datasheet HTML 12Page - Texas Instruments LP8552 Datasheet HTML 13Page - Texas Instruments LP8552 Datasheet HTML 14Page - Texas Instruments LP8552 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
8 Detailed Description
8.1 Overview
LP8552 is a high-voltage LED driver for medium sized LCD backlight applications. It includes high-voltage boost
converter. Boost voltage automatically sets to the correct level needed to drive the LED strings. This is done by
monitoring LED output voltage drop in real time.
Six LED outputs are driven either with constant current sinks with PWM control or by controlling both PWM and
current. Constant current value is set with EEPROM bits and with RISET resistor. Brightness (PWM) is controlled
either with I2C register or with PWM input. PWM frequencies are set with EEPROM bits and with RFSET resistor.
Special Phase-Shift PWM mode can be used to reduce boost output current peak, thus reducing output ripple,
capacitor size and audible noise.
With LP8552 it is possible to synchronize the PWM output frequency to VSYNC signal received from video
processor. Internal PLL ensures that the PWM output clock is always synchronized to the VSYNC signal.
Special dithering mode makes it possible to increase output resolution during fading between two brightness
values and by this making the transition look very smooth with virtually no stepping. Transition slope time can be
adjusted with EEPROM bits.
Safety features include LED fault detection with open and short detection. LED fault detection will prevent system
overheating in case of open in some of the LED strings. Chip internal temperature is constantly monitored and
based on this LP8552 can reduce the brightness of the backlight to reduce thermal loading once certain trip point
is reached. Threshold is programmable in EEPROM. If chip internal temperature reaches too high, the boost
converter and LED outputs are completely turned off until the internal temperature has reached acceptable level.
Boost converter is protected against too high load current and over-voltage. LP8552 notifies the system about
the fault through I2C register and with FAULT pin.
EEPROM programmable functions include:
•
PWM frequencies
•
Phase shift PWM mode
•
LED constant current
•
Boost output frequency
•
Temperature thresholds
•
Slope for brightness changes
•
Dithering options
•
PWM output resolution
•
Boost control bits
External components RISET and RFSET can also be used for selecting the output current and PWM frequencies.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com