Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725 Datasheet(HTML) 2 Page - Texas Instruments

  LP8725 Datasheet HTML 1Page - Texas Instruments LP8725 Datasheet HTML 2Page - Texas Instruments LP8725 Datasheet HTML 3Page - Texas Instruments LP8725 Datasheet HTML 4Page - Texas Instruments LP8725 Datasheet HTML 5Page - Texas Instruments LP8725 Datasheet HTML 6Page - Texas Instruments LP8725 Datasheet HTML 7Page - Texas Instruments LP8725 Datasheet HTML 8Page - Texas Instruments LP8725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
LDO1
1 µF
1.2V to 3.3V
@ 300 mA
VIN3
VIN2
1 µF
1.2V to 3.3V
@ 300 mA
1.2V to 3.3V
@ 300 mA
1 µF
LDO3
1 µF
1.2V to 3.3V
@ 300 mA
LDO4
LDO5
1 µF
1.2V to 3.3V
@ 300 mA
LDO 2
D
LDO 1
D
LDO3
D
LDO4
A
LDO5
A
2.2 PF
2.2 PF
LP8725
Voltage
Reference
Thermal
Shutdown
2.2 PF
LDO2
0.8V to 3.0V
@ 800 mA
Buck 1
4.7 µF
1 PH
SW1
FB1
GNDB1
VINB1
4.7 µF
SDA
SCL
EN
Serial Interface
and
Control
GND
Buck 2
SW2
FB2
GNDB2
VINB2
4.7 µF
1 µF
0.8V to 3.3V
@300 mA
LILO1
LILO2
0.8V to 3.3V
@300 `mA
LILO 1
D
LILO 2
D
UVLO
VIN1
2.2 PF
VINLILO2
2.2 PF
DEFSEL
VINB1
VINB2
VIN3
VIN2
VIN1
LDO3_EN
B2_EN
RESET_N
DVS
CONFIG
VINLILO1
10k
1.5k
1.5k
VSI
0.8V to 3.0V
@ 800 mA
4.7 µF
1 PH
1 µF
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION (SUB-PMU)
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com