Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720TLX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720TLX/NOPB
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720TLX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8720TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Table 6. Register 0x08
LDO1_EN LDO2_EN LDO3_EN
In STANDBY mode
In IDLE mode the bit has immediate
LDO4_EN LDO5_EN BUCK_EN
1 – During next startup sequence will be enabled.
effect.
0 – During next startup sequence will be NOT enabled.
1 – Enable
For proper operation output having “111 NO startup” should
0 – Disable
have corresponding enable bit 0 (disable).
SLEEP_MODE
1 – SLEEP
0 – normal
This bit has effect only if EXT_SLEEP_CONTROL=0 (register 0x00)
DVS_V2/V1
1 – buck voltage is BUCK_V1[4:0]
0 – buck voltage is BUCK_V2[4:0]
This bit has effect only if EXT_DVS_CONTROL=0 (register 0x00)
Table 7. Register 0x09
LDO1_PULLDOWN
1 – pull-down enabled
LDO2_PULLDOWN
0 – pull-down disabled
LDO3_PULLDOWN
LDO4_PULLDOWN
LDO5_PULLDOWN
BUCK_PULLDOWN
APU_TSD
This bit defines either to reset registers or not before LP8720 automatically starts startup sequence from
Thermal Shutdown after cooling down if EN-pin is High.
1 – No change to registers – registers content stays the same as before Thermal Shutdown.
0 – Reset registers to default values before startup from Thermal Shutdown.
Table 8. Register 0x0A (Read Only)
TSD
1 – device is in Thermal Shutdown.
0 – device is NOT in Thermal Shutdown .
TSD_EW
1 – device temperature is higher than Thermal Shutdown Early Warning threshold.
0 – device temperature is lower than Thermal Shutdown Early Warning threshold.
Table 9. Register 0x0B (Read Only)
TSD_INT
1 – Interrupt that was caused by Thermal Shutdown
0 – No Interrupt that was caused by Thermal Shutdown
TSD_EW
1 – Interrupt that was caused by Thermal Shutdown Early Warning
0 – No Interrupt that was caused by Thermal Shutdown Early Warning
Table 10. Register 0x0C
TSD_MASK
1 – TSD interrupt is masked
0 – TSD interrupt is NOT masked
TSD_EW_MASK
1 – TSD_EW interrupt is masked
0 – TSD_EW interrupt is NOT masked
Support Functions
Reference
The LP8720 has an internal reference block creating all necessary references and biasing for all blocks.
Oscillator
There is an internal oscillator giving clock to the bucks and to logic control.
Parameter
Typ
Min
Max
Unit
Oscillator frequency
2.0
1.9
2.1
MHz
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com