Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX-A/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX-A/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX-A/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8725TLX-A/NOPB Datasheet HTML 18Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 19Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 20Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 21Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 22Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 23Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 24Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 25Page - Texas Instruments LP8725TLX-A/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
LOGIC AND CONTROL (continued)
Unless otherwise noted, VIN1=VIN2=VIN3=VINB1 =VINB2=VINLILO1=VINLILO2=3.6V; CLODX=1µF; CBUCKOUT=CBUCKIN=4.7 µF,
CVIN1–3=CVINLILO1CVINLILO2=2.2 µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TJ= -40 to +125°C.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH
Input High Level Current
PS_HOLD, DEFSEL, CONFIG, DVS
0
2
VIH = VIN1
RPD
Pull Down Resistance
From EN, PWR_ON, B2_EN, and
500
k
Ω
LDO3_EN
Logic and Control Outputs
VOL
Output Low Level
SDA, RESET_N
0.14
0.3
V
IOUT = 2mA
IOH
Output High Level
SDA, RESET_N have Open drain
outputs
0
2
µA
VOH = VIN1
BUCK CONVERTERS
Unless otherwise noted, VIN1=VIN2=VIN3=VINB1 =VINB2=VINLILO1=VINLILO2=3.6V; CLODX=1µF; CBUCKOUT=CBUCKIN=4.7 µF,
CVIN1–3=CVINLILO1CVINLILO2=2.2 µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TJ= -40 to +125°C.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BUCK1 Feedback Voltage
-2
+2
VFB
VOUT = 1.8V
%
BUCK2 Feedback Voltage
-3
+3
RDSON(P)
Pin-Pin resistance for PFET IOUT = 200 mA
265
m
Ω
RDSON(N)
Pin-Pin resistance for NFET IOUT = −200 mA
150
m
Ω
Open-loop, programmable:
460
250 mA max IOUT typ
780
450 mA max IOUT typ
ILIM
Switch Peak Current Limit
mA
600 mA max IOUT typ
750
1050
1500
800 mA max IOUT typ
1370
tSTUP
Startup Time
IOUT = 0mA to 100 mA
170
µs
fSW
Switching Frequency
3.6
4.1
4.4
MHz
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
(2)
The parameters in the electrical characteristic table are tested under open loop conditions at VIN = 3.6V unless otherwise specified. For
performance over the input voltage range and closed loop condition, refer to the datasheet curves.
DIGITAL LDOs (1, 2, 3)
Unless otherwise noted, VIN1=VIN2=VIN3=VINB1=VINB2=VINLILO1=VINLILO2=3.6V; CLODX=1µF; CBUCKOUT=CBUCKIN=4.7 µF,
CVIN1–3=CVINLILO1CVINLILO2=2.2 µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TJ= -40 to +125°C.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
−1.5
+1.5
LDO1 Output Voltage
Accuracy
−2
+2
VOUT
IOUT = 1mA, VOUT = 2.8V
%
−2
+2
LDOs 2 & 3 Output Voltage
Accuracy
−2.5
+2.5
VOUT + 0.5V ≤ VIN2 ≤ 4.5V
Line Regulation
2
mV
IOUT = 1mA
(2)
ΔVOUT
Load Regulation
1 < IOUT < 300 mA
2
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
(2)
The minimum input voltage equals VOUT (nom) + 0.5V or 2.5V, which ever is greater.
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com