Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLX-C/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX-C/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX-C/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP8725TLX-C/NOPB Datasheet HTML 1Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 2Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 3Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 4Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 5Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 6Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 7Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 8Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
LP8725 Power Management Unit for Application or
Multimedia Processors and Subsystems
Check for Samples: LP8725
1
FEATURES
KEY SPECIFICATIONS
2
•
Two High-Efficiency Step-Down DC-DC
•
190 mV typ. Dropout Voltage on digital LDOs
Converters, IOUT = 600 mA, With a 4-MHz
@ 300 mA
Switching Frequency Using Small 1-µH
•
2% typ. Output Voltage Accuracy on digital
Inductors, With Options up to 800 mA
and analog LDOs
•
Three Digital LDOs for up to 300-mA Load
•
10
μVrms Output Noise on analog LDOs
Current Each
•
±2% typ. Output Voltage Bucks up to 93%
•
Two Low-Noise Analog 300-mA LDOs
efficiency
•
Two Low-Input Low-Output Regulators,
•
30-bump DSBGA package (0.5 mm pitch)
IOUT = 300 mA
•
I2C-Compatible Interface for Control of Internal
DESCRIPTION
Registers
This device is a multi-function programmable Power
Management Unit (PMU), optimized for sub block
•
Adjustable Startup Sequence Through Serial
power solutions. This device integrates two highly
Interface or Configuration
efficient
600-mA
step-down
DC-DC
converters
•
Thermal Shutdown Protection
configurable up to 800-mA load with Dynamic Voltage
Scaling (DVS) via the serial interface, two low-noise
APPLICATIONS
analog LDOs, three digital LDOs for up to 300 mA
load current each, two Low-Input Low-Output (LILO)
•
Multimedia Processors
regulators, and an I2C-compatible serial interface to
•
Portable Handheld Products
allow a host controller access to the internal control
registers. The device also features programmable
power-on sequencing. LDO regulators provide high
PSRR and low noise ideally suited for supplying
power to both analog and digital loads.
The device can be configured either as a Sub_PMU
for modules (for example, camera or multimedia
modules) or as a stand-alone PMU that powers the
processor itself.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8725TLX-C/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8725TLX-A NSC-LP8725TLX-A Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
LP8725TLX-B NSC-LP8725TLX-B Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
LP8725TLX-D NSC-LP8725TLX-D Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
More results

Similar Description - LP8725TLX-C/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810_07 Datasheet
940Kb / 78P
Power management for multimedia processors
03-Sep-2007
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
Power management for multimedia processors
03-Sep-2007
STW4811M STMICROELECTRONICS-STW4811M Datasheet
1Mb / 86P
Power management for multimedia processors
25-Aug-2008
logo
National Semiconductor ...
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
STMicroelectronics
STW4811M STMICROELECTRONICS-STW4811M_10 Datasheet
1Mb / 85P
Power management for multimedia processors
04-Jun-2010
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com