Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8900 Datasheet HTML 9Page - Texas Instruments LP8900 Datasheet HTML 10Page - Texas Instruments LP8900 Datasheet HTML 11Page - Texas Instruments LP8900 Datasheet HTML 12Page - Texas Instruments LP8900 Datasheet HTML 13Page - Texas Instruments LP8900 Datasheet HTML 14Page - Texas Instruments LP8900 Datasheet HTML 15Page - Texas Instruments LP8900 Datasheet HTML 16Page - Texas Instruments LP8900 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
0402, 6.3V, X5R
0603, 10V, X5R
100
80
60
40
20
13
LP8900
www.ti.com
SNVS542E – MAY 2008 – REVISED JUNE 2016
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Other ceramic types such as Y5V and Z5U are less suitable owing to their inferior temperature characteristics.
(See Capacitor Characteristics.)
It is also recommended that the output capacitor is placed within 1 cm of the output pin and returned to a clean,
low impedance, ground connection.
It is possible to use tantalum or film capacitors at the device output, OUT, but these are not as attractive for
reasons of size and cost. (See Capacitor Characteristics.)
9.2.2.4 No-Load Stability
The LP8900 remains stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
9.2.2.5 Capacitor Characteristics
The LP8900 is designed to work with ceramic capacitors on the input and outputs to take advantage of the
benefits they offer. For capacitance values around 1 µF, ceramic capacitors give the circuit designer the best
design options in terms of low cost and minimal area.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly dependant on the conditions of operation and
capacitor type.
In particular, to ensure stability, the output capacitor selection must take account of all the capacitor parameters,
to ensure that the specification is met within the application. Capacitance value can vary with DC bias conditions
as well as temperature and frequency of operation. Capacitor values may also show some decrease over time
due to aging. The capacitor parameters are also dependant on the particular case size with smaller sizes giving
poorer performance figures in general.
Figure 12. Effect of DC Bias on Capacitance Value
As an example Figure 12 shows a typical graph showing a comparison of capacitor case sizes in a capacitance
vs. DC bias plot. As shown in Figure 12, as a result of the DC bias condition, the capacitance value may drop
below the minimum capacitance value given in Table 2. Note that the graph shows the capacitance out of spec
for the 0402 case size capacitor at higher bias voltages. It is therefore recommended that the capacitor
manufacturers' specifications for the nominal value capacitor are consulted for all conditions as some capacitor
sizes (for example, 0402) may not be suitable in the actual application. Ceramic capacitors have the lowest ESR
values, thus making them best for eliminating high frequency noise. The ESR of a typical 4.7-µF ceramic
capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR requirement for stability for the
LP8900. The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with
a tolerance of ±15% over the temperature range –55°C to +125°C. The X5R has a similar tolerance over the
reduced temperature range of –55°C to +85°C. Some large value ceramic capacitors (4.7 µF) are manufactured
with Z5U or Y5V temperature characteristics, which can result in the capacitance dropping by more than 50% as
the temperature varies from 25°C to 85°C. Therefore, X7R or X5R types are recommended in applications where
the temperature changes significantly above or below 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com