Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 3 Page - Texas Instruments

  LP55231 Datasheet HTML 1Page - Texas Instruments LP55231 Datasheet HTML 2Page - Texas Instruments LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
BOTTOM VIEW
TOP VIEW
3
LP55231
www.ti.com
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
A: Analog Pin; G: Ground Pin; P: Power Pin; I: Input Pin; I/O Input/Output Pin; O: Output Pin; OD: Open Drain Pin
5 Pin Configuration and Functions
RTW Package
24-Pin WQFN
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
C2+
A
Flying capacitor 2 positive terminal
2
C1+
A
Flying capacitor 1 positive terminal
3
VDD
P
Input power supply
4
GND
G
Ground
5
EN
I
Enable
6
CLK
I
32-kHz clock input; connect to ground if not used.
7
INT
OD/O
Interrupt for microcontroller unit; leave unconnected if not used.
8
SDA
I/OD
Serial interface data
9
SCL
I
Serial interface clock
10
TRIG
I/OD
Trigger. Connect to ground if not used
11
D9
A
Current source output 9
Note: powered from VDD
12
D8
A
Current source output 8 (powered from VDD)
13
D7
A
Current source output 7 (powered from VDD)
14
D6
A
Current source output 6
15
D5
A
Current source output 5
16
D4
A
Current source output 4
17
D3
A
Current source output 3
18
D2
A
Current source output 2
19
D1
A
Current source output 1
20
ASEL0
I
Serial interface address select input
21
ASEL1
I
Serial interface address select input
22
VOUT
A
Charge pump output
23
C2
−
A
Flying capacitor 2 negative terminal
24
C1
−
A
Flying capacitor 1 negative terminal
DAP
Connect the die attach pad to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com