Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660AIM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LPC660AIM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660AIM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPC660AIM/NOPB Datasheet HTML 9Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 10Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 11Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 12Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 13Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 14Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 15Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 16Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
Figure 33. Air Wiring
BIAS CURRENT TESTING
The test method of Figure 34 is appropriate for bench-testing bias current with reasonable accuracy. To
understand its operation, first close switch S2 momentarily. When S2 is opened, then
(1)
Figure 34. Simple Input Bias Current Test Circuit
A suitable capacitor for C2 would be a 5 pF or 10 pF silver mica, NPO ceramic, or air-dielectric. When
determining the magnitude of I−, the leakage of the capacitor and socket must be taken into account. Switch S2
should be left shorted most of the time, or else the dielectric absorption of the capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2 shorted)
(2)
where Cx is the stray capacitance at the + input.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com