Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2705 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2705
Description  Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2705 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2705 Datasheet HTML 1Page - National Semiconductor (TI) LM2705 Datasheet HTML 2Page - National Semiconductor (TI) LM2705 Datasheet HTML 3Page - National Semiconductor (TI) LM2705 Datasheet HTML 4Page - National Semiconductor (TI) LM2705 Datasheet HTML 5Page - National Semiconductor (TI) LM2705 Datasheet HTML 6Page - National Semiconductor (TI) LM2705 Datasheet HTML 7Page - National Semiconductor (TI) LM2705 Datasheet HTML 8Page - National Semiconductor (TI) LM2705 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
Top View
20039702
SOT23-5
T
Jmax = 125˚C,
θ
JA = 220˚C/W (Note 2)
Ordering Information
Order Number
Package Type
NSC Package Drawing
Top Mark
Supplied As
LM2705MF-ADJ
SOT23-5
MA05B
S59B
1000 Units, Tape and Reel
LM2705MFX-ADJ
SOT23-5
MA05B
S59B
3000 Units, Tape and Reel
Pin Description/Functions
Pin
Name
Function
1
SW
Power Switch input.
2
GND
Ground.
3
FB
Output voltage feedback input.
4
SHDN
Shutdown control input, active low.
5V
IN
Analog and Power input.
SW(Pin 1): Switch Pin. This is the drain of the internal
NMOS power switch. Minimize the metal trace area con-
nected to this pin to minimize EMI.
GND(Pin 2): Ground Pin. Tie directly to ground plane.
FB(Pin 3): Feedback Pin. Set the output voltage by selecting
values for R1 and R2 using:
Connect the ground of the feedback network to an AGND
plane which should be tied directly to the GND pin.
SHDN(Pin 4): Shutdown Pin. The shutdown pin is an active
low control. Tie this pin above 1.1V to enable the device. Tie
this pin below 0.3V to turn off the device.
V
IN(Pin 5): Input Supply Pin. Bypass this pin with a capacitor
as close to the device as possible.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com