Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3695AM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695AM
Description  Multipoint RS485/RS422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695AM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3695AM Datasheet HTML 1Page - National Semiconductor (TI) DS3695AM Datasheet HTML 2Page - National Semiconductor (TI) DS3695AM Datasheet HTML 3Page - National Semiconductor (TI) DS3695AM Datasheet HTML 4Page - National Semiconductor (TI) DS3695AM Datasheet HTML 5Page - National Semiconductor (TI) DS3695AM Datasheet HTML 6Page - National Semiconductor (TI) DS3695AM Datasheet HTML 7Page - National Semiconductor (TI) DS3695AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
+15V/−10V
Receiver Input Voltages
+15V/−10V
Receiver Output Voltage
5.5V
Continuous Power Dissipation 25˚C
M Package
630 mW (Note 4)
Storage Temp. Range
−65˚C to +150˚C
Lead Temp. (Soldering 4 seconds)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, V
CC
4.75
5.25
V
Bus Voltage
−7
+12
V
Operating Free Air Temp. (T
A)
Commercial (DS3695AM)
0
+70
˚C
Industrial (DS3695ATM)
−40
+85
˚C
Commercial (DS3696AM)
0
+70
˚C
Electrical Characteristics (Notes 2, 3)
0˚C
≤ T
A ≤ 70˚C, 4.75V < VCC < 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OD1
Differential Driver Output
I
O =0
5V
Voltage (Unloaded)
V
OD2
Differential Driver Output
R = 50
Ω; (RS-422) (Note 5)
2
V
Voltage (with Load)
R = 27
Ω; (RS-485)
1.5
V
∆V
OD
Change in Magnitude of Driver
Differential Output Voltage For
0.2
V
Complementary Output States
V
OC
Driver Common Mode Output
Voltage
R=27
Ω
3.0
V
∆|V
OC|
Change in Magnitude of Driver
Common Mode Output Voltage
0.2
V
For Complementary Output States
V
IH
Input High Voltage
2V
V
IL
Input Low Voltage
DI, DE,
0.8
V
V
CL
Input Clamp Voltage
RE , RE /DE
I
IN = −18 mA
−1.5
V
I
IL
Input Low Current
V
IL = 0.4V
−200
µA
I
IH
Input High Current
V
IH = 2.4V
20
µA
I
IN
Input Current
DO/RI, DO /RI
V
CC = 0V or 5.25V
V
IN = 12V
+1.0
mA
RI, RI
DE or RE /DE = 0V
V
IN = −7V
−0.8
mA
V
TH
Differential Input Threshold
−7V
≤ V
CM ≤ +12V
−0.2
+0.2
V
Voltage for Receiver
∆V
TH
Receiver Input Hysteresis
V
CM =0V
70
mV
V
OH
Receiver Output High Voltage
I
OH = −400 µA
2.4
V
V
OL
Output Low Voltage
RO
I
OL = 16 mA (Note 5)
0.5
V
TS
I
OL = 8 mA
0.45
V
I
OZR
OFF-State (High Impedance)
V
CC = Max
±20
µA
Output Current at Receiver
0.4V
≤ V
O ≤ 2.4V
R
IN
Receiver Input Resistance
−7V
≤ V
CM ≤ +12V
12
k
Ω
I
CC
Supply Current
No Load
Driver Outputs Enabled
42
60
mA
(Note 5)
Driver Outputs Disabled
27
40
mA
I
OSD
Driver Short-Circuit
V
O = −7V (Note 5)
−250
mA
Output Current
V
O = +12V (Note 5)
+250
mA
I
OSR
Receiver Short-Circuit
V
O = 0V
−15
−85
mA
Output Current
Note 1: “Absolute maximum ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should be
operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com