Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736XMK Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2736XMK
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2736XMK Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2736XMK Datasheet HTML 14Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 15Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 16Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 17Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 18Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 19Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 20Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 21Page - National Semiconductor (TI) LM2736XMK Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LM2736Y Circuit Examples (Continued)
Bill of Materials for Figure 15
Part ID
Part Value
Part Number
Manufacturer
U1
750mA Buck Regulator
LM2736Y
National Semiconductor
C1, Input Cap
10µF, 25V, X7R
C3225X7R1E106M
TDK
C2, Output Cap
22µF, 16V, X5R
C3216X5R1C226M
TDK
C3, Boost Cap
0.01µF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.4V
F Schottky 1A, 30VR
SS1P3L
Vishay
D2, Boost Diode
1V
F @ 50mA Diode
1N4148W
Diodes, Inc.
D3, Zener Diode
4.3V 350mw SOT-23
BZX84C4V3
Diodes, Inc.
L1
22µH, 1.4A,
SLF7045T-220M1R3-1PF
TDK
R1
61.9k
Ω, 1%
CRCW06036192F
Vishay
R2
10k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
20124250
FIGURE 15. LM2736Y (550kHz)
V
BOOST Derived from Series Zener Diode (VOUT)
15V to 9V/750mA
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com