Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4905LD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4905LD
Description  1 Watt Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4905LD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4905LD Datasheet HTML 1Page - National Semiconductor (TI) LM4905LD Datasheet HTML 2Page - National Semiconductor (TI) LM4905LD Datasheet HTML 3Page - National Semiconductor (TI) LM4905LD Datasheet HTML 4Page - National Semiconductor (TI) LM4905LD Datasheet HTML 5Page - National Semiconductor (TI) LM4905LD Datasheet HTML 6Page - National Semiconductor (TI) LM4905LD Datasheet HTML 7Page - National Semiconductor (TI) LM4905LD Datasheet HTML 8Page - National Semiconductor (TI) LM4905LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 10)
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Notes 3, 11)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (LQ)
57˚C/W
θ
JA (LQ)
140˚C/W
θ
JC (LD)
71˚C/W
θ
JA (LD)
95˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.2V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4905
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
3.4
7
mA (max)
V
IN = 0V, Io = 0A, 8
Ω Load
4
10
mA (max)
I
SD
Shutdown Current
V
SD =VGND
0.8
2
µA (max)
V
SDIH
Shutdown Voltage Input High
1.5
V (min)
V
SDIL
Shutdown Voltage Input Low
1.3
V (max)
V
OS
Output Offset Voltage
7
50
mV (max)
P
o
Output Power
THD = 1% (max);f=1kHz
1.07
0.9
W
T
WU
Wake-up time
100
mS (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.5 Wrms; f = 1kHz
0.2
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
60 (f =
217Hz)
64 (f = 1kHz)
55
dB (min)
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4905
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
2.4
7
mA (max)
V
IN = 0V, Io = 0A, 8
Ω Load
3
9
mA (max)
I
SD
Shutdown Current
V
SD =VGND
0.1
1.0
µA (max)
V
SDIH
Shutdown Voltage Input High
1.3
V (min)
V
SDIL
Shutdown Voltage Input Low
1.0
V (max)
V
OS
Output Offset Voltage
7
50
mV (max)
P
o
Output Power
THD = 1% (max);f=1kHz
390
mW
T
WU
Wake-up time
75
mS (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25 Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
65 (f =
217Hz)
70 (f = 1kHz)
55
dB (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com