Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201ARCPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK2201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201ARCPR Datasheet(HTML) 1 Page - Texas Instruments

  TLK2201ARCPR Datasheet HTML 1Page - Texas Instruments TLK2201ARCPR Datasheet HTML 2Page - Texas Instruments TLK2201ARCPR Datasheet HTML 3Page - Texas Instruments TLK2201ARCPR Datasheet HTML 4Page - Texas Instruments TLK2201ARCPR Datasheet HTML 5Page - Texas Instruments TLK2201ARCPR Datasheet HTML 6Page - Texas Instruments TLK2201ARCPR Datasheet HTML 7Page - Texas Instruments TLK2201ARCPR Datasheet HTML 8Page - Texas Instruments TLK2201ARCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
17 18 19
JTDI
SYNC/PASS
GND
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
VDD
RD7
RD8
RD9
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
TD0
TD1
TD2
VDD
TD3
TD4
TD5
TD6
VDD
TD7
TD8
TD9
GND
MODESEL
PRBSEN
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
DESCRIPTION
TLK2201A
TLK2201AI
SLLS572B – JUNE 2003 – REVISED SEPTEMBER 2007
www.ti.com
ETHERNET TRANSCEIVERS
• Industrial Temperature Range
From –40
°C to 85°C (TLK2201AI)
2
• 1 to 1.6 Gigabits Per Second (Gbps)
Serializer/Deserializer (TLK2201A)
• IEEE 802.3 Gigabit Ethernet Compliant
• 1.2 to 1.6 Gigabits Per Second (Gbps)
• Advanced 0.25 μm CMOS Technology
Serializer/Deserializer (TLK2201AI)
• No External Filter Capacitors Required
• Low Power Consumption <200 mW at
• Comprehensive Suite of Built-In Testability
1.25 Gbps
• IEEE 1149.1 JTAG Support
• LVPECL Compatible Differential I/O on High
• 2.5-V Supply Voltage for Lowest Power
Speed Interface
Operation
• Single Monolithic PLL Design
• 3.3-V Tolerant on LVTTL Inputs
• Support For 10 Bit Interface or Reduced
• Hot Plug Protection
Interface 5 Bit DDR (Double Data Rate)
• 64-Pin VQFP With Thermally Enhanced
Clocking
Package (PowerPAD™)
• Receiver Differential Input Thresholds 200 mV
Minimum
The TLK2201A and TLK2201AI gigabit ethernet transceivers provide for ultrahigh-speed full-duplex point-to-point
data transmissions. These devices are based on the timing requirements of the 10-bit interface specification by
the IEEE 802.3 Gigabit Ethernet specification. The TLK2201A supports data rates from 1.0 Gbps through 1.6
Gbps and the TLK2201AI supports data rates from 1.2 Gbps through 1.6 Gbps.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK2201ARCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201ARCPR TI-TLK2201ARCPR Datasheet
348Kb / 21P
ETHERNET TRANSCEIVERS
More results

Similar Description - TLK2201ARCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com