Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYM26AS Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYM26AS
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYM26AS Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYM26AS Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYM26AS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD CURRENT, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
0
2
0
25
50
75
100
125
150
175
1
3
4
5
S ingle P ha se
H a lf W ave 60H Z
R e sistiv e or
In d u ctiv e Load
0.3 75"(9 .5m m )Le ad Length
0.1
1.0
10
100
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TJ=25
Pulse Width=300
µs
0
15
10
20
50
30
40
10
10 0
50
8.3m s S ingle H alf
S in e-W a ve
TJ=25
f=1.0MHz
10
20
40
100
200
400
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com