Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1Z Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # EU1Z
Description  HIGH EFFICIENCY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EU1Z Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  EU1Z Datasheet HTML 1Page - SUNMATE electronic Co., LTD EU1Z Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- PEAK FORWARD SURGE CURRENT
SET TIMEBASEFOR10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.3--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
t rr
1c m
0
0.001
0.01
0.1
1
TJ=25
Pulse Width=300
µS
0.4
0.8
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4
EU1Z-EU1A
EU1C
0
5
1
15
10
5
50
10
8.3m s S in gle H a lf
S in e -W a v e
0
25
50
75
100
125
150
0
0.05
0.10
0.15
0.20
0.25
Sin gle P h ase
Ha lf W ave 60 Hz
R e sistive o r
In du ctive Lo ad
0.1
1
2
     TJ=25
0.2
0.4
1
2
100
410
40
20
EU1A-EU1C
10
4
20
40
60
200
100
EU1Z,EU1
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com