Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3695ATM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695ATM
Description  Multipoint RS485/RS422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695ATM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3695ATM Datasheet HTML 1Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 2Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 3Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 4Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 5Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 6Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 7Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS3695A/DS3695AT/DS3696A
Multipoint RS485/RS422 Transceivers
General Description
The DS3695A and DS3696A are high speed differential
TRI-STATE® bus/line transceivers designed to meet the re-
quirements of EIA standard RS485 with extended common
mode range (+12V to −7V), for multipoint data transmission.
In addition they are compatible with requirements of RS-422.
The driver and receiver outputs feature TRI-STATE capabil-
ity. The driver outputs remain in TRI-STATE over the entire
common mode range of +12V to −7V. Bus faults that cause
excessive power dissipation within the device trigger a ther-
mal shutdown circuit, which forces the driver outputs into the
high impedance state. The DS3696A provides an output pin
(TS) which reports the thermal shutdown of the device. TS is
an “open collector” pin with an internal 10 k
Ω pull-up resistor.
This allows the TS outputs of several devices to be wire
OR-ed.
Both AC and DC specifications are guaranteed over the 0˚C
to 70˚C temperature and 4.75V to 5.25V supply voltage
range.
Features
n Meets EIA standard RS485 for multipoint bus
transmission and is compatible with RS-422
n 10 ns driver propagation delays (typical)
n Single +5V supply
n −7V to +12V bus common mode range permits ±7V
ground difference between devices on the bus
n Thermal shutdown protection
n High impedance to bus with driver in TRI-STATE or with
power off, over the entire common mode range allows
the unused devices on the bus to be powered down
n Combined impedance of a driver output and receiver
input is less than one RS485 unit load, allowing up to 32
transceivers on the bus
n 70 mV typical receiver hysteresis
n Available in SOIC packaging
Connection and Logic Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Molded Package, Small Outline (M)
DS005272-1
Top View
DS005272-2
TS was LF (Line Fault) on previous datasheets, TS goes low upon thermal shutdown.
Top View
Order Number DS3695AM, DS3695ATM or DS3696AM
See NS Package Number M08A
February 1996
© 1998 National Semiconductor Corporation
DS005272
www.national.com


Similar Part No. - DS3695ATM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695ATM TI-DS3695ATM Datasheet
807Kb / 13P
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3695ATM TI1-DS3695ATM Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
DS3695ATM/NOPB TI1-DS3695ATM/NOPB Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
DS3695ATMX TI-DS3695ATMX Datasheet
807Kb / 13P
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3695ATMX TI1-DS3695ATMX Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results

Similar Description - DS3695ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com