Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT33CT Datasheet(PDF) 21 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 21 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 17Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 18Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 19Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 20Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 21Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 22Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 23Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 24Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 25Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
16
Dual Element
Photoconductive Cell
VT800CT Series
PACKAGE DIMENSIONS inch (mm)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Units
Continuous Power Dissipation (Per Element)
Derate Above 25°C
PD
∆P
D / ∆T
80
1.6
mW
mW/°C
Temperature Range
Operating and Storage
TA
–40 to +75
°C
2
5
ELECTRO-OPTICAL CHARACTERICTICS @ 25°C (16 hrs. light adapt, min.)
See page 13 for notes.
Part
Number
Resistance Per Element (Ohms)
Matching
@ 10 Lux
R1–2 / R2–3
Material
Type
Sensitivity
(
γ, typ.)
Maximum
Voltage
(V, pk)
Response Time @ 1 fc
(ms, typ.)
10 lux
2850 K
2 fc
2850 K
Dark
Min.
Typ.
Max.
Typ.
Min.
sec.
Rise (1-1/e)
Fall (1/e)
VT83CT
30 k
60 k
90 k
30 k
1 M
5
0.70 – 1.30
3
0.90
100
35
5
4
3 6
OG (R10/R100)
LOG (100/10)
------------------------------------
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto
VT800CT Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com