Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2470CDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 9Page - Texas Instruments TLV2470CDBVT Datasheet HTML 10Page - Texas Instruments TLV2470CDBVT Datasheet HTML 11Page - Texas Instruments TLV2470CDBVT Datasheet HTML 12Page - Texas Instruments TLV2470CDBVT Datasheet HTML 13Page - Texas Instruments TLV2470CDBVT Datasheet HTML 14Page - Texas Instruments TLV2470CDBVT Datasheet HTML 15Page - Texas Instruments TLV2470CDBVT Datasheet HTML 16Page - Texas Instruments TLV2470CDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
www.ti.com
10
1k
10k
100
0.001
1
0.01
0.1
100k
VDD = 5V
RL = 10kΩ
V0 = 4VPP
TA = +25°C
f − Frequency − Hz
AV = 100
AV = 10
AV = 1
f − Frequency − Hz
10
100
10 k
100 k
−100
−120
−140
−60
−80
−40
−160
1 k
−20
0
VDD = 3V, 5V
AV = 1
RL = 600Ω
VI(PP) = 2V
All Channels
10
1k
10k
100
0.001
1
0.01
0.1
100k
f − Frequency − Hz
AV = 10
AV = 1
VDD = 3V
RL = 10kΩ
V0 = 2VPP
TA = +25°C
AV = 100
0
1
2
3
4
5
6
7
8
9
10
t − Time −
µs
VDD = 3V
RL = 10kΩ
CL = 8pF
f = 85kHz
TA = +25°C
VI (2V/DIV)
VO (1V/DIV)
t − Time −
µs
0
1
2
3
4
5
6
7
8
9
10
VDD = 5V
RL = 10kΩ
CL = 8pF
f = 85kHz
TA = +25°C
VI (2V/DIV)
VO (1V/DIV)
t − Time −
µs
0
100
200
300
400
500
VDD = 3V
RL = 10kΩ
CL = 8pF
f = 1MHz
TA = +25°C
VI (50mV/DIV)
VO (50mV/DIV)
t − Time −
µs
0
100
200
300
400
500
VDD = 5V
RL = 10kΩ
CL = 8pF
f = 1MHz
TA = +25°C
VI (50mV/DIV)
VO (50mV/DIV)
VDD = 3V
CL = 8pF
TA = +25°C
0
2
4
6
8
10 12
14
t − Time −
µs
16
VSHDN (2V/DIV)
VO (500mV/DIV)
RL = 600Ω
RL = 10kΩ
0
2
4
6
8
10
12 14
16
t − Time −
µs
RL = 600Ω
RL = 10kΩ
18
VDD = 5V
CL = 8pF
TA = +25°C
VSHDN (2V/DIV)
VO (1V/DIV)
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC
TOTAL HARMONIC
CROSSTALK
DISTORTION PLUS NOISE
DISTORTION PLUS NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 26.
Figure 27.
Figure 28.
LARGE-SIGNAL FOLLOWER
LARGE-SIGNAL FOLLOWER
SMALL-SIGNAL FOLLOWER
PULSE RESPONSE
PULSE RESPONSE
PULSE RESPONSE
vs
vs
vs
TIME
TIME
TIME
Figure 29.
Figure 30.
Figure 31.
SMALL-SIGNAL FOLLOWER
SHUTDOWN (ON AND OFF)
SHUTDOWN (ON AND OFF)
PULSE RESPONSE
PULSE RESPONSE
PULSE RESPONSE
vs
vs
vs
TIME
TIME
TIME
Figure 32.
Figure 33.
Figure 34.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com