Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVAM115 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MVAM115
Description  SILICON VARACTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MVAM115 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MVAM115 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
18
V
IR
VR = 15 V
0.10
µµµµA
Ct
VR = 1.0 V
f = 1.0 MHz
440
560
pF
CT1/CT10
f = 1.0 MHz
15
---
Q
VR = 1.0 V
f = 1.0 MHz
150
---
SILICON VARACTOR DIODE
MVAM115
PACKAGE STYLE
DESCRIPTION:
The
ASI MVAM115 is a Silicon
Tuning Varactor Diode.
FEATURES INCLUDE:
• 15:1 Minimum Tuning Range
• Q - 150 Minimum
MAXIMUM RATINGS
IF
50 mA
VR
18 V
PDISS
280 mW @ TC = 25
OC
TJ
-55
OC to +125 OC
TSTG
-55
OC to +125 OC


Similar Part No. - MVAM115

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MVAM115 NJSEMI-MVAM115 Datasheet
91Kb / 1P
SILICON TUNING DIODES
More results

Similar Description - MVAM115

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MVAM108 ASI-MVAM108 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
MV1807J1 ASI-MV1807J1 Datasheet
27Kb / 1P
SILICON VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
SILICON MULTIPLIER VARACTOR DIODE
KV1402 ASI-KV1402 Datasheet
12Kb / 1P
SILICON VARACTOR DIODE
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
AT9001 ASI-AT9001 Datasheet
22Kb / 1P
SILICON VARACTOR DIODE
AHV8801-15 ASI-AHV8801-15 Datasheet
28Kb / 1P
SILICON VARACTOR DIODE
AHV9501-15 ASI-AHV9501-15 Datasheet
16Kb / 1P
SILICON VARACTOR DIODE
AT12020-21 ASI-AT12020-21 Datasheet
22Kb / 1P
SILICON ABRUPT VARACTOR DIODE
MA4060B ASI-MA4060B Datasheet
31Kb / 1P
SILICON MULTIPIER VARACTOR DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com