Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDLF3000L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PDLF3000L
Description  SMT Data Line EMI Filters ??PDLF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PDLF3000L Datasheet(HTML) 2 Page - Coilcraft lnc.

  PDLF3000L Datasheet HTML 1Page - Coilcraft lnc. PDLF3000L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Data Line EMI Filters
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 491-2
0.138 ±0.008
3,50 ±0,20
0.217 ±0.006
5,50 ±0,15
1
4
0.317 ±0.012
8,05 ±0,30
0.020
0,50
0.012
0,305
0.098
2,50
0.050
1,27
cen
0.0395
1,00
Notch indicates pin 1
0.236
6,00
Dimensions are typical
prior to applying solder
0.050
1,27
cen
0.060
1,52
0.030
0,76
Recommended
Land Pattern
0.200
5,08
8
1
7
2
6
3
5
4
PDLF4000, 4500
8
1
7
2
6
3
5
4
PDLF3000, 3500
8
1
7
2
6
3
5
4
PDLF2000, 2500
5
8
1
4
5
8
0.307 ±0.008
7,80 ±0,20
0.007/ 0,18
1
4
5
8
PDLF
XXXXL
*
**
Dimensions are in
inches
mm
Document 491-2 Revised 04/01/14
30
20
10
0
0.1
110
100
1000
Frequency (MHz)
Common Mode
Differential Mode
*Measured on HP 8753D network analyzer. Ref: 50 Ohms.
Typical Response*
0.1
1.0
10
100
1000
10,000
1.0
10
1000
100
Differential Mode
Common Mode
Frequency (MHz)
Typical Impedance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com