Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP670C-R Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # QTLP670C-R
Description  SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP670C-R Datasheet(HTML) 7 Page - Fairchild Semiconductor

  QTLP670C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP670C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ø12.75
2.5±
0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0±0.05
Ø1.55.±05
4.0
0.23
4.0
Dimensional tolerance is ± 0.1mm unless otherwise specified
Angle: ± 0.5
Unit: mm
3.12
2.24
TAPE AND REEL DIMENSIONS
SURFACE MOUNT LED LAMP
SUPER BRIGHT PLCC-2
QTLP670C-T Red
QTLP670C-S Red
QTLP670C-R Red
QTLP670C-E Orange
QTLP670C-O Yellow-Orange
QTLP670C-Y Yellow
QTLP670C-AG Yellow-Green
QTLP670C-IG True Green
QTLP670C-IB Blue
QTLP670C-IW White
DS300236
8/31/01
7 OF 8
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com