Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV70133DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70133DBVT
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70133DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV70133DBVT Datasheet HTML 1Page - Texas Instruments TLV70133DBVT Datasheet HTML 2Page - Texas Instruments TLV70133DBVT Datasheet HTML 3Page - Texas Instruments TLV70133DBVT Datasheet HTML 4Page - Texas Instruments TLV70133DBVT Datasheet HTML 5Page - Texas Instruments TLV70133DBVT Datasheet HTML 6Page - Texas Instruments TLV70133DBVT Datasheet HTML 7Page - Texas Instruments TLV70133DBVT Datasheet HTML 8Page - Texas Instruments TLV70133DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLV701xx
SBVS161
– NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PRODUCT
VOUT
TLV701xxyyyz
XX is nominal output voltage (for example, 30 = 3.0 V)
YYY is Package Designator
Z is Package Quantity
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
Voltage(2)
IN
–0.3
24
V
Current source
OUT
Internally limited
Operating junction, TJ
–40
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
QSS 009-105 (JESD22-A114A)
Electrostatic Discharge Rating(3)
Charged device model (CDM)
500
V
QSS 009-147 (JESD22-C101B.01)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TLV701XX
THERMAL METRIC(1)
DBV
UNITS
5 PINS
θJA
Junction-to-ambient thermal resistance
213.1
θJCtop
Junction-to-case (top) thermal resistance
110.9
θJB
Junction-to-board thermal resistance
97.4
°C/W
ψJT
Junction-to-top characterization parameter
22.0
ψJB
Junction-to-board characterization parameter
78.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com