Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340IDT-3.3 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340IDT-3.3
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340IDT-3.3 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP8340IDT-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP8340IDT-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LP8340C Electrical Characteristics (Continued)
Unless otherwise specified all limits guaranteed for V
IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over
the full operating temperature range of T
J = 0˚C to 125˚C
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
IN −VO
Dropout Voltage
(Note 7) (Note 8)
LP8340-1.8
I
OUT = 800mA
680
1400
mV
LP8340-2.5
I
OUT = 800mA
550
1000
LP8340-2.5
I
OUT = 1.0A
670
1300
LP8340-3.3
LP8340-ADJ, V
OUT = 3.3V, IOUT = 800mA
420
800
LP8340-3.3
LP8340-ADJ, I
OUT = 1.0A
540
1000
LP8340-5.0
I
OUT = 800mA
330
650
LP8340-5.0
I
OUT = 1.0A
420
800
I
Q
Quiescent Current
V
IN
≤10V
19
50
µA
Minimum Load Current
V
IN −VOUT
≤4V
100
µA
I
LIMIT
Foldback Current Limit
V
IN −VOUT >5V
450
mA
V
IN −VOUT <4V
1600
Ripple Rejection Ratio
V
IN (dc) = VOUT +2V
V
IN (ac) = 1 VP-P @ 120Hz
48
55
dB
T
SD
Thermal Shutdown
Temp.
Thermal Shutdown Hyst.
160
10
˚C
ADJ Input Leakage
Current
V
ADJ = 1.5V or 0V
±0.01
±100
nA
V
OUT Leakage Current
LP8340-ADJ
ADJ = OUT, V
OUT = 2V, VIN = 10V
10
µA
LP8340-1.8, V
OUT = 2.5V, VIN = 10V
10
LP8340-2.5, V
OUT = 3.5V, VIN = 10V
10
LP8340-3.3, V
OUT = 4V, VIN = 10V
10
LP8340-5.0, V
OUT = 6V, VIN = 10V
10
e
n
Output Noise
10Hz to 10kHz, R
L =1k
Ω,C
OUT = 10µF
250
µVrms
LP8340I Electrical Characteristics
Unless otherwise specified all limits guaranteed for V
IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over
the full operating temperature range of T
J = −40˚C to 125˚C
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
IN
Input Voltage
LP8340-ADJ,1.8, 2.5
LP8340-3.3, 5.0
2.7
10
10
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com