Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 7Page - Texas Instruments TLV5580CPWR Datasheet HTML 8Page - Texas Instruments TLV5580CPWR Datasheet HTML 9Page - Texas Instruments TLV5580CPWR Datasheet HTML 10Page - Texas Instruments TLV5580CPWR Datasheet HTML 11Page - Texas Instruments TLV5580CPWR Datasheet HTML 12Page - Texas Instruments TLV5580CPWR Datasheet HTML 13Page - Texas Instruments TLV5580CPWR Datasheet HTML 14Page - Texas Instruments TLV5580CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
11
PERFORMANCE PLOTS AT 25
°C (Continued)
80 MSPS
40 MSPS
60 MSPS
25
20
10
0
0
10
203040
5060
40
45
Analog Input Frequency − MHz
50
70
80
90
100
35
30
15
5
Figure 4. S/(THD+N) vs VIN At 80 MSPS (Internal Reference),
60 MSPS (External Reference), 40 MSPS (External Reference)
−40
−60
−90
0
5
10
15
20
25
30
−30
−20
f − Frequency − MHz
−10
0
−50
−70
−80
Figure 5. Spectral Plot fIN = 1.011 MHz At 60 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com