Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA508 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA508
Description  40V 4.5A QUAD POWER HALF BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 2 Page - STMicroelectronics

  STA508 Datasheet HTML 1Page - STMicroelectronics STA508 Datasheet HTML 2Page - STMicroelectronics STA508 Datasheet HTML 3Page - STMicroelectronics STA508 Datasheet HTML 4Page - STMicroelectronics STA508 Datasheet HTML 5Page - STMicroelectronics STA508 Datasheet HTML 6Page - STMicroelectronics STA508 Datasheet HTML 7Page - STMicroelectronics STA508 Datasheet HTML 8Page - STMicroelectronics STA508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STA508
2/10
Table 2. Pin Description
N°
Pin
Description
1
GND-SUB
Substrate Ground
2 ; 3
OUT2B
Output Half Bridge 2B
4VCC 2B
Positive Supply
5
GND2B
Negative Supply
6
GND2A
Negative Supply
7VCC 2A
Positive Supply
8 ; 9
OUT2A
Output Half Bridge 2A
10 ; 11
OUT1B
Output Half Bridge 1B
12
VCC1B
Positive Supply
13
GND1B
Negative Supply
14
GND1A
Negative Supply
15
VCC1A
Positive Supply
16 ; 17
OUT1A
Output Half Bridge 1A
18
NC
Not Connected
19
GND-clean
Logical Ground
20
GND-Reg
Ground for Regulator Vdd
21 ; 22
Vdd
5V Regulator Referred to Ground
23
VL
High Logical State Setting Voltage
24
CONFIG
Configuration pin
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin Advisor
28
TH-WAR
Thermal Warning Advisor
29
IN1A
Input of Half Bridge 1A
30
IN1B
Input of Half Bridge 1B
31
IN2A
Input of Half Bridge 2A
32
IN2B
Input of Half Bridge 2B
33 ; 34
VSS
5V Regulator Referred to +VCC
35 ; 36
VCC Sign
Signal Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com