Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3682 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3682
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3682 Datasheet HTML 9Page - NXP Semiconductors TDA3682 Datasheet HTML 10Page - NXP Semiconductors TDA3682 Datasheet HTML 11Page - NXP Semiconductors TDA3682 Datasheet HTML 12Page - NXP Semiconductors TDA3682 Datasheet HTML 13Page - NXP Semiconductors TDA3682 Datasheet HTML 14Page - NXP Semiconductors TDA3682 Datasheet HTML 15Page - NXP Semiconductors TDA3682 Datasheet HTML 16Page - NXP Semiconductors TDA3682 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2002 Mar 11
13
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
Application information
NOISE
The outputs of regulators 1 to 5 are designed in such a
way that the noise is very low and the stability is very good.
The noise output voltage depends on output capacitor Co.
Table 4 shows the influence of the output capacitor on the
noise figure.
Table 4
Noise figures
Note
1. Measured at a bandwidth from 20 Hz to 20 kHz.
STABILITY
The regulators are made stable with the externally
connected output capacitors. The stability can be
guaranteed with almost any output capacitor. When only
an electrolytic capacitor is used, the temperature
behaviour of this output capacitor can cause oscillations at
extreme low temperature. The following two examples
show how an output capacitor value is selected.
Oscillation problems can be avoided by adding a 47 nF
capacitor in parallel with the electrolytic capacitor.
Example 1 (regulator 2)
Regulator 2 (BU5V) is stabilized with an electrolytic output
capacitor of 10
µF (ESR = 4 Ω). At Tamb = −30 °C the
capacitor value is decreased to 3
µF and the ESR is
increased to 28
Ω. As can be seen from Fig.8 the regulator
will be instable at Tamb = −30 °C.
Solution: To avoid problems with stability at low
temperatures, the use of tantalum capacitors is
recommended. Use a tantalum capacitor with a value of
10
µF or an electrolytic capacitor with a higher value.
Example 2 (regulator 1)
Regulator 1 (illumination) is stabilized with an electrolytic
capacitor of 2.2
µF (ESR = 8 Ω). At Tamb = − 30 °C the
capacitor value is decreased to 0.8
µF and the ESR is
increased to 56
Ω. As can be seen from Fig.9 the regulator
will be stable at Tamb = −30 °C.
Even when only a small MKT capacitor of 47 nF is used as
the output capacitor, regulator 1 will remain stable over the
temperature range.
REGULATOR
NOISE FIGURE (
µV)(1)
Co =10 µFCo =47 µFCo = 100 µF
1
170
130
120
2
110
100
95
3
140
110
100
4
140
110
100
5
140
110
100
handbook, halfpage
MGT176
Co (µF)
ESR
(
Ω)
maximum
minimum
stable region
100
10
0
4
8
12
1
0.1
Fig.8
Curve for selecting the value of the output
capacitor for regulator 2.
handbook, halfpage
MGT177
Co (µF)
ESR
(
Ω)
maximum
stable region
10
1
0
100
0.1
0.047
100
Fig.9
Curve for selecting the value of the output
capacitor for regulators 1, 3, 4 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com