Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024T Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8024T
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024T Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8024T Datasheet HTML 19Page - NXP Semiconductors TDA8024T Datasheet HTML 20Page - NXP Semiconductors TDA8024T Datasheet HTML 21Page - NXP Semiconductors TDA8024T Datasheet HTML 22Page - NXP Semiconductors TDA8024T Datasheet HTML 23Page - NXP Semiconductors TDA8024T Datasheet HTML 24Page - NXP Semiconductors TDA8024T Datasheet HTML 25Page - NXP Semiconductors TDA8024T Datasheet HTML 26Page - NXP Semiconductors TDA8024T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
2004 July 12
23
Philips Semiconductors
Product specification
IC card interface
TDA8024
handbook, full pagewidth
100 nF(1)
100 nF(1)
100 nF
(3)
(6)
(7)
AUX2UC
AUX1UC
I/OUC
XTAL2
XTAL1
OFF
GND
VDD
RSTIN
CMDVCC
PORADJ
VCC
RST
CLK
CLKDIV1
CLKDIV2
5V/3V
PGND
VDDP
S1
S2
VUP
PRES
PRES
I/O
AUX2
AUX1
CGND
28
27
26
25
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TDA8024
C5
C6
C7
C8
C1
C2
C3
C4
CARD READ
(normally closed type)
K1
K2
+3.3 V
+3.3 V
VDD
58.1 k
Ω
41.9 k
Ω
3.3 V POWERED
MICROCONTROLLER
33 pF
100 nF
100 nF(4)
220 nF(5)
+5 V
10
µF
100 k
Ω
MDB050
+3.3 V(2)
Fig.13 Application diagram.
(1) These capacitors must be of the low ESR-type and be placed near the IC (within 100 mm).
(2) TDA8024 and the microcontroller must use the same VDD supply.
(3) Make short, straight connections between CGND, C5 and the ground connection to the capacitor.
(4) Mount one low ESR-type 100 nF capacitor close to pin VCC.
(5) Mount one low ESR-type 100 or 220 nF capacitor close to C1 contact (less than 100 mm from it).
(6) The connection to C3 should be routed as far from C2, C7, C4 and C8 and, if possible, surrounded by grounded tracks.
(7) Optional resistor bridge for changing the threshold of VDD. If this bridge is not required pin 18 should be connected to ground; see Section 8.2.2.
Pin 18 is not connected in the TDA8024AT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com