Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3091 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3091 Datasheet HTML 9Page - Texas Instruments THS3091 Datasheet HTML 10Page - Texas Instruments THS3091 Datasheet HTML 11Page - Texas Instruments THS3091 Datasheet HTML 12Page - Texas Instruments THS3091 Datasheet HTML 13Page - Texas Instruments THS3091 Datasheet HTML 14Page - Texas Instruments THS3091 Datasheet HTML 15Page - Texas Instruments THS3091 Datasheet HTML 16Page - Texas Instruments THS3091 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0.05
0.1
0.15
0.2
0.25
0.3
0
10
20
30
40
50
60
70
0
t - Time - ns
Output
Input
Gain = 2
RL = 100 Ω
RF = 1 kΩ
VS = ±15 V
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
1 G
PSRR+
VS = ±15 V
f − Frequency − Hz
CMRR
PSRR−
0
10
20
30
40
50
60
70
80
90
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VS = ±15 V and ±5 V
−20
−15
−10
−5
0
5
10
15
20
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
−4
−3
−2
−1
0
1
2
3
4
t − Time −
µs
Gain = 5,
RL = 100 Ω,
RF = 1 kΩ,
VS = ±15 V
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
t - Time - ns
Output
Input
Gain = -5
RL = 100 Ω
RF =909 Ω
VS = ±15 V
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
t − Time − ns
Output
Input
Gain = −5
RL = 100 Ω
RF = 909 Ω
VS = ±15 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
1
2
3
4
5
6
7
8
Number of Loads - 150
Ω
Gain = 2
RF = 1.21 kΩ
VS = ±15 V
40 IRE - NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
0
0.01
0.02
0.03
0.04
0.05
0
1
2
3
4
5
6
7
8
Number of Loads − 150
Ω
Gain = 2
RF = 1.21 kΩ
VS = ±15 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
0.01
0.1
1
10
100
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RISO = 5.11 Ω,
RF = 1.21 KΩ,
VS = ±15 V
+
−
1.21 k
Ω 1.21 kΩ
5.11
Ω VO
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
TRANSIMPEDANCE
REJECTION RATIO
vs
vs
NONINVERTING SMALL-SIGNAL
FREQUENCY
FREQUENCY
TRANSIENT RESPONSE
Figure 28.
Figure 29.
Figure 30.
INVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
TRANSIENT RESPONSE
TRANSIENT RESPONSE
OVERDRIVE RECOVERY TIME
Figure 31.
Figure 32.
Figure 33.
CLOSED-LOOP OUTPUT
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
IMPEDANCE
vs
vs
vs
NUMBER OF LOADS
NUMBER OF LOADS
FREQUENCY
Figure 34.
Figure 35.
Figure 36.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com