Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABBTM-NVC-MDCS56 Datasheet(PDF) 13 Page - Abracon Corporation

Part # ABBTM-NVC-MDCS56
Description  Bluetooth Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS56 Datasheet(HTML) 13 Page - Abracon Corporation

Back Button ABBTM-NVC-MDCS56 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 9Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 10Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 11Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 12Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 13Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 14Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 15Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1
2
3
4
Bluetooth Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
|| | | | | | | | | | | | | |
Pb RoHS/RoHS II compliant
Resistive
16
OC
Ω
Revised: 08.14.13
ABBTM-NVC-MDCS56
23.24 x 11.93 x 2.05 mm SMT
ABBTM-NVC-MDCS56 requires an external antenna to radiate and receive the RF signals. Please follow general RF
design guidelines to ensure a good RF performance.
Placement of the Module and Antenna
If PCB antenna is used, please take precaution with the antenna placement. Figure 13 shows some examples of the
antenna placement.
1 , 2 , 3 : Recommended antenna placement
4 : Placement not recommended
Figure 13. Placement of the Module and Antenna on a PCB Board
RF LAYOUT GUIDELINE
Feed Line and Antenna
The impedance of the feed line between the RF port and the antenna shall be 50Ω.
•
A good ground directly under the feed line is always needed for impedance control.
•
Route the feed line as curve lines when needed, avoid 90 or even less degree angles style.
•
The width of the feed line, the distance of the feed line to the ground plane are keys to the impedance.
Please ask your PCB supplier to control the impedance of the feed line.
For the antenna,
•
When PCB antenna is used, matching networks shall be used to optimize the antenna’s signal strength.
•
Use as many vias as possible to connect the ground planes nearby the antenna.
Figure 14. Antenna Reference Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com