Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024AT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8024AT
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024AT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8024AT Datasheet HTML 13Page - NXP Semiconductors TDA8024AT Datasheet HTML 14Page - NXP Semiconductors TDA8024AT Datasheet HTML 15Page - NXP Semiconductors TDA8024AT Datasheet HTML 16Page - NXP Semiconductors TDA8024AT Datasheet HTML 17Page - NXP Semiconductors TDA8024AT Datasheet HTML 18Page - NXP Semiconductors TDA8024AT Datasheet HTML 19Page - NXP Semiconductors TDA8024AT Datasheet HTML 20Page - NXP Semiconductors TDA8024AT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
2004 July 12
17
Philips Semiconductors
Product specification
IC card interface
TDA8024
12 CHARACTERISTICS
VDD = 3.3 V; VDDP =5V; Tamb =25 °C; fXTAL = 10 MHz; all currents flowing into the IC are positive; see note 1; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP
MAX.
UNIT
Temperature
Tamb
ambient temperature
−25
−
+85
°C
Supplies
VDD
supply voltage
2.7
−
6.5
V
VDDP
DC/DC converter supply
voltage
VCC =5V; ICC < 80 mA
4.0
5.0
6.5
V
VCC =5V; ICC < 20 mA
3.0
−
6.5
V
IDD
supply current
card inactive
−−
1.2
mA
card active; fCLK =fXTAL;
CL =30pF
−−
1.5
mA
IDDP
DC/DC converter supply
current
inactive mode
−−
0.1
mA
active mode; fCLK =fXTAL;
CL = 30 pF; ICC =0
−−
10
mA
VCC =5V; ICC =80mA
−−
200
mA
VCC =3V; ICC =65mA
−−
100
mA
Vth2
falling threshold voltage on
VDD
no external resistors at
pin PORADJ; VDD level falling
2.35
2.45
2.55
V
Vhys2
hysteresis of threshold
voltage Vth2
no external resistors at
pin PORADJ
50
100
150
mV
Pin PORADJ; note 2
Vth(ext)(rise)
external rising threshold
voltage on VDD
external resistor bridge at
pin PORADJ; VDD level rising
1.240
1.28
1.310
V
Vth(ext)(fall)
external falling threshold
voltage on VDD
external resistor bridge at
pin PORADJ; VDD level falling
1.190
1.22
1.26
V
Vhys(ext)
hysteresis of threshold
voltage Vth(ext)
external resistor bridge at
pin PORADJ
30
60
90
mV
∆Vhys(ext)
hysteresis of threshold
voltage Vth(ext) variation
with temperature
external resistor bridge at
pin PORADJ
−−
0.25
mV/K
tw
width of internal Power-on
reset pulse
no external resistors at
pin PORADJ
4
8
12
ms
external resistor bridge at
pin PORADJ
816
24
ms
IL(PORADJ)
leakage current on
pin PORADJ
VPORADJ < 0.5 V
−0.1
4
10
µA
VPORADJ >1V
−1
−
+1
µA
Ptot
total power dissipation
continuous operation;
Tamb = −25 to +85 °C
−−
0.56
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com