Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMK-32.768KHZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTCMK-32.768KHZ
Description  REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMK-32.768KHZ Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTCMK-32.768KHZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMK-32.768KHZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMK-32.768KHZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMK-32.768KHZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMK-32.768KHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AB-RTCMK-32.768kHz
REAL TIME CLOCK MODULE WITH 32.768kHz TCXO
3.2 x 2.5 x 1.0 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 09.30.12
Visit www.abracon.com for Terms & Conditions of Sale
Parameters
Minimum
Typical
Maximum
Units
Notes
SCL Clock Frequency (fSCL)
400
kHz
START Condition Setup Time (tSU;STA)
0.6
sec
START Condition Hold Time (tHD;STA)
0.6
sec
Data Input Setup Time (tSU;DAT)
100
nsec
Data Input Hold Time (tHD;DAT)
0
900
nsec
STOP Condition Setup Time (tSU;STO)
0.6
sec
Bus Idle Time Between START and
STOP Condition (tBUF)
1.3
sec
SCL Low Time (tLOW)
1.3
sec
SCL High Time (tHIGH)
0.6
sec
SCL, SDA Rise Time (tr)
0.3
sec
20% to 80%
SCL, SDA Fall Time (tf)
0.3
sec
80% to 20%
Allowable Spike Time on Bus (tSP)
50
nsec
SCL
SDA
tSU:STA
tHD:STA
tLOW
tHIGH
1 / fSCL
tSU:DAT
tHD:DAT
tSP
tHD:STA
tSU;STO
tSU:STA
tBUF
AC ELECTRICAL CHARACTERISTICS
TIMING CHART
AB - RTCMK - 32.768 kHz -
Packaging
Blank: Bulk
T: 1000pcs/reel
PART IDENTIFCATION:
T3*: 3000pcs/reel
*3000pcs/reel: standard reel quantity



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com