Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3091D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091D Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3091D Datasheet HTML 17Page - Texas Instruments THS3091D Datasheet HTML 18Page - Texas Instruments THS3091D Datasheet HTML 19Page - Texas Instruments THS3091D Datasheet HTML 20Page - Texas Instruments THS3091D Datasheet HTML 21Page - Texas Instruments THS3091D Datasheet HTML 22Page - Texas Instruments THS3091D Datasheet HTML 23Page - Texas Instruments THS3091D Datasheet HTML 24Page - Texas Instruments THS3091D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
_
+
VS
−VS
49.9
Ω
5.11
Ω
1
µF
249
Ω
VS
27 pF
1 k
Ω
RF
RG
FB
100-
Ω LOAD
FIN
_
+
VS
−VS
_
+
VS
−VS
−VS
VS
866
Ω
866
Ω
191
Ω
5.11
Ω
5.11
Ω
SAVING POWER WITH POWER-DOWN
_
+
VS
−VS
1 k
Ω
5.11
Ω
249
Ω
VS
_
+
VS
−VS
1 k
Ω
5.11
Ω
249
Ω
24.9
Ω
24.9
Ω
1 nF
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Figure 67.
Figure 68 is shown using two amplifiers in parallel to
Figure 69. PowerFET Drive Circuit
double the output drive current to larger capacitive
loads. This technique is used when more output
current is needed to charge and discharge the load
faster like when driving large FET transistors.
FUNCTIONALITY AND SETTING
THRESHOLD LEVELS WITH THE
REFERENCE PIN
The THS3095 features a power-down pin (PD) which
lowers the quiescent current from 9.5 mA down to
500 µA, ideal for reducing system power.
The power-down pin of the amplifier defaults to the
negative supply voltage in the absence of an applied
voltage, putting the amplifier in the power-on mode of
operation. To turn off the amplifier in an effort to
conserve power, the power-down pin can be driven
towards the positive rail. The threshold voltages for
power-on and power-down are relative to the supply
rails and are given in the specification tables. Below
the Enable Threshold Voltage, the device is on.
Figure 68.
Above the Disable Threshold Voltage, the device is
off. Behavior in between these threshold voltages is
Figure 69 shows a push-pull FET driver circuit typical
not specified.
of ultrasound applications with isolation resistors to
Note that this power-down functionality is just that;
isolate the gate capacitance from the amplifier.
the amplifier consumes less power in power-down
mode. The power-down mode is not intended to
provide a high-impedance output. In other words, the
power-down functionality is not intended to allow use
as a 3-state bus driver. When in power-down mode,
the impedance looking back into the output of the
amplifier
is
dominated
by
the
feedback
and
gain-setting resistors, but the output impedance of the
device itself varies depending on the voltage applied
to the outputs.
Figure 70 shows the total system output impedance
which includes the amplifier output impedance in
parallel with the feedback plus gain resistors, which
cumulate to 2380
Ω. Figure 59 shows this circuit
configuration for reference.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com