Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT Datasheet(PDF) 2 Page - Abracon Corporation

Part # AHT
Description  TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AHT Datasheet(HTML) 2 Page - Abracon Corporation

  AHT Datasheet HTML 1Page - Abracon Corporation AHT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| | | | | | | | | | | | | | |
13.2 x 13.2 x 5.5mm
Pb RoHS
Compliant
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 10.23.10
Visit
www.abracon.com for Terms & Conditions of Sale
AHT Series
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OUTLINE DIMENSIONS:
Dimensions: inches (mm)
PIN
1
4
5
8
Note: Recommended using an approximately
0.01uF bypass capacitor between PIN 4 and 8.
VDD
NC or Tristate Enable/ Disable
FUNCTION
GND
Output
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com