Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQFP48 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TQFP48
Description  48-LEAD THIN QUAD FLAT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TQFP48 Datasheet(HTML) 1 Page - STMicroelectronics

  TQFP48 Datasheet HTML 1Page - STMicroelectronics TQFP48 Datasheet HTML 2Page - STMicroelectronics TQFP48 Datasheet HTML 3Page - STMicroelectronics TQFP48 Datasheet HTML 4Page - STMicroelectronics TQFP48 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.0079
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.216
e
0.50
0.020
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.216
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0°3.5°7°
0°
3.5°
7°
April 2004
1/5
PACKAGE AND
PACKING INFORMATION
TQFP48
Weight: not available
48-LEAD THIN QUAD FLAT
PACKAGE


Similar Part No. - TQFP48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TQFP48-0707-0.50-RK6-D ETC2-TQFP48-0707-0.50-RK6-D Datasheet
196Kb / 1P
Digital Terrestrial Broadcasting Reception LSI
TQFP48L ETC1-TQFP48L Datasheet
288Kb / 20P
15W 6W x2 2.1 Channel CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TQFP48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP64 STMICROELECTRONICS-TQFP64 Datasheet
128Kb / 5P
64-LEAD THIN QUAD FLAT PACKAGE
Feb-2003
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
48 Lead Molded Thin Shrink Small Outline Package, JEDEC
logo
STATS ChipPAC, Ltd.
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFN STATSCHIP-QFN Datasheet
530Kb / 2P
Quad Flat No-Lead Package
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Zowie Technology Corpor...
MSCD012SH ZOWIE-MSCD012SH Datasheet
190Kb / 2P
Thin flat package
MSCD032SH ZOWIE-MSCD032SH Datasheet
48Kb / 2P
Thin flat package
MSCD052SH ZOWIE-MSCD052SH Datasheet
226Kb / 2P
Thin flat package
MSCD102SH ZOWIE-MSCD102SH Datasheet
234Kb / 2P
Thin flat package
logo
STMicroelectronics
TQFP44 STMICROELECTRONICS-TQFP44 Datasheet
95Kb / 5P
44-LEAD THIN QUAD FLAT PACKAGE
Nov-2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com