Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST201250 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST201250
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST201250 Datasheet(HTML) 1 Page - E-SWITCH

  ST201250 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MDP1T2B3M2QEH
2:1
3/16/2015
ST201250
A
MW
1
1
P.C. MOUNTING
5.33
[.210 in]
8.13
[.320 in]
9.14
[.360 in]
25
POS. 1
POS. 3
.76
[.030 in]
.51
[.020 in]
TYP.
2
1
3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
N/A
2-1, 5-4
A
21802
RELEASE FOR PRODUCTION
03/16/15
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3AMPS @120VAC OR 28VDC
1AMP @250VAC
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30 C to 85 C
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE TO BE SHIPPED IN BULK:
T200000 - LOCK WASHER QTY-1
T200003 - LOCK RING
QTY-1
T200001 - HEX NUT
QTY-2
E-LOGO ON
OPPOSITE SIDE
CIRCUIT: DPDT
2.54
[.100 in]
3.30
[.130 in]
5
4
6
2.54
[.100 in]
5.08
[.200 in]
1.09
[.043 in]
5.59
[.220 in]
.51
[.020 in]
8.64
[.340 in]
5.08
[.200 in]
10-48 UNS-2A
THREADS
6.00
[.236 in]
KEYWAY
4
5
6
WITH STARDARD
LOCKING RING
PANEL MOUNTING
WITHOUT LOCKING RING
4.95
[.195 in]
2.38
[.094 in]
.25
[.010 in]
.58
[.023 in]
6.10
[.240 in]
NO EPOXY ON TERMINALS
BELOW THIS SURFACE
4
1
5
2
6
3
4.95
[.195 in]


Similar Part No. - ST201250

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST20120 SMC-ST20120 Datasheet
107Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST20120 SMCDIODE-ST20120 Datasheet
305Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST20120C SMC-ST20120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
ABC Taiwan Electronics ...
ST2012100ML ABC-ST2012100ML Datasheet
570Kb / 8P
SMD TOROIDAL POWER FILTER
ST2012121ML ABC-ST2012121ML Datasheet
570Kb / 8P
SMD TOROIDAL POWER FILTER
More results

Similar Description - ST201250

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com