Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST211156 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST211156
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST211156 Datasheet(HTML) 1 Page - E-SWITCH

  ST211156 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MSP1T2B3M2QEH
2:1
3/16/2015
ST211156
A
MW
1
1
5.59
[.220 in]
8.64
[.340 in]
3.30
[.130 in]
8.13
[.320 in]
5.08
[.200 in]
6.00
[.236 in]
25
POS. 1
POS. 3
5.33
[.210 in]
.51
[.020 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
A
21802
RELEASED FOR PRODUCTION
3/16/15
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3 AMPS @ 120VAC OR 28VDC UL, CUL
1 AMPS @ 250VAC UL, CUL
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30 C to 85 C
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE TO BE SHIPPED IN BULK:
T200000 - LOCK WASHER QTY-1
T200003 - LOCK RING
QTY-1
T200001 - HEX NUT
QTY-2
10-48 UNS-2A
THREADS
E-LOGO ON
OPPOSITE SIDE
CIRCUIT: SPDT
NO EPOXY ON TERMINALS
BELOW THIS SURFACE
1
3
2
1
3
.51
[.020 in]
2.54
[.100 in]
.76
[.030 in]
1.09
[.043 in]
2
3
2.54
[.100 in]
KEYWAY
P.C. MOUNTING
WITHOUT LOCKING RING
WITH STARDARD
LOCKING RING
PANEL MOUNTING
2.54
[.100 in]
4.95
[.195 in]
2.38
[.094 in]
6.10
[.240 in]
.58
[.023 in]
.25
[.010 in]
4.95
[.195 in]


Similar Part No. - ST211156

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST211153 E-SWITCH-ST211153 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST211154 E-SWITCH-ST211154 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST211155 E-SWITCH-ST211155 Datasheet
106Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST211157 E-SWITCH-ST211157 Datasheet
170Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST211156

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com