Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095DDA Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 11Page - Texas Instruments THS3095DDA Datasheet HTML 12Page - Texas Instruments THS3095DDA Datasheet HTML 13Page - Texas Instruments THS3095DDA Datasheet HTML 14Page - Texas Instruments THS3095DDA Datasheet HTML 15Page - Texas Instruments THS3095DDA Datasheet HTML 16Page - Texas Instruments THS3095DDA Datasheet HTML 17Page - Texas Instruments THS3095DDA Datasheet HTML 18Page - Texas Instruments THS3095DDA Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±5 V)
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω,
VO = 200 mVPP.
VS = ±5 V
G = −10, RF = 866 Ω
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
G = −1, RF = 1.05 Ω
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f - Frequency - Hz
RL = 100 Ω,
VO = 200 mVPP.
VS = ±5 V
G = 10, RF = 909 Ω
G = 5, RF = 1 kΩ
G = 2, RF = 1.15 kΩ
G =1, RF = 1.5 kΩ
5.7
5.8
5.9
6
6.1
6.2
6.3
1 M
10 M
100 M
Gain = 2,
RF = 1.21 kΩ,
RL = 100 Ω,
VO = 200 mVPP,
VS = ±5 V
f - Frequency - Hz
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
0
1
2
3
4
5
6
7
8
9
10
t - Time - ns
Gain = -2
RL = 100 Ω
RF = 1 kΩ
VS = ±5 V
Rising Edge
Falling Edge
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 5, RF = 1 kΩ
G = 2, RF = 1.15 kΩ
RL = 100 Ω,
VO = 4 VPP,
VS = ±5 V
−4
−2
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
RL = 100 Ω,
VO = 4 VPP,
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.15 kΩ
VO = 2 VPP,
RL = 100 Ω,
VS = ±5 V
100 k
-100
-90
-80
-70
-60
-50
-40
1 M
10 M
100 M
f - Frequency - Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.15 kΩ
VO = 2 VPP,
RL = 100 Ω,
VS = ±5 V
100 k
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
VO = 2 VPP,
RL = 1 kΩ,
VS = ±5 V
100 k
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.15 kΩ
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
0.1-dB GAIN FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 39.
Figure 40.
Figure 41.
NONINVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
SETTLING TIME
Figure 42.
Figure 43.
Figure 44.
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 45.
Figure 46.
Figure 47.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com