Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320DAC23IPWR Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV320DAC23IPWR
Description  STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23IPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV320DAC23IPWR Datasheet HTML 14Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 15Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 16Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 17Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 18Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 19Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 20Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 21Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
3−2
The 16-bit control word is divided into two parts. The first part is the address block, the second part is the data block:
B[15:9]
Control address bits
B[8:0]
Control data bits
SCLK
SDI
ADDR
R/W ACK B15 − B8 ACK
B7 − B0
ACK
Start
Stop
1
78
9
1
89
18
9
Figure 3−2. 2-Wire Compatible Timing
3.1.3
Register Map
The TLV320DAC23 has the following set of registers, which are used to program the modes of operation.
ADDRESS
REGISTER
0000000
Left line input channel control
0000001
Right line input channel control
0000010
Left channel headphone volume control
0000011
Right channel headphone volume control
0000100
Analog audio path control
0000101
Digital audio path control
0000110
Power down control
0000111
Digital audio interface format
0001000
Sample rate control
0001001
Digital interface activation
0001111
Reset register
Left Line Input Channel Control (Address: 0000000)
BIT
D8
D7
D6
D5
D4
D3
D2
D1
D0
Function
LRS
LIM
X
X
X
X
X
X
X
Default
0
1
0
0
0
0
0
0
0
LRS
Left/right line simultaneous volume/mute update
Simultaneous update
0 = Disabled
1 = Enabled
LIM
Left line input mute
0 = Normal
1 = Muted
X
Reserved
Right Line Input Channel Control (Address: 0000001)
BIT
D8
D7
D6
D5
D4
D3
D2
D1
D0
Function
RLS
RIM
X
X
X
X
X
X
X
Default
0
1
0
0
0
0
0
0
0
RLS
Right/left line simultaneous volume/mute update
Simultaneous update
0 = Disabled
1 = Enabled
RIM
Right line input mute
0 = Normal
1 = Muted
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com