Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS05-CC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATFS05-CC
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05-CC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATFS05-CC Datasheet HTML 3Page - ATMEL Corporation ATFS05-CC Datasheet HTML 4Page - ATMEL Corporation ATFS05-CC Datasheet HTML 5Page - ATMEL Corporation ATFS05-CC Datasheet HTML 6Page - ATMEL Corporation ATFS05-CC Datasheet HTML 7Page - ATMEL Corporation ATFS05-CC Datasheet HTML 8Page - ATMEL Corporation ATFS05-CC Datasheet HTML 9Page - ATMEL Corporation ATFS05-CC Datasheet HTML 10Page - ATMEL Corporation ATFS05-CC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ATFS05/10/40
3017C–FPSLI–07/02
DC Characteristics – ATFS05
V
CC =3.3V ± 10%
Symbol
Description
Min
Max
Units
V
IH
High-level Input Voltage
2.0
V
CC
V
V
IL
Low-level Input Voltage
0
0.8
V
V
OH
High-level Output Voltage (I
OH =-2.5mA)
Commercial
2.4
V
VOL
Low-level Output Voltage (IOL =+3mA)
0.4
V
VOH
High-level Output Voltage (IOH =-2mA)
Industrial
2.4
V
VOL
Low-level Output Voltage (IOL =+3mA)
0.4
V
I
CCA
Supply Current, Active Mode
5
mA
I
L
Input or Output Leakage Current (V
IN =VCC or GND)
-10
10
µA
ICCS
Supply Current, Standby Mode
Commercial
50
µA
Industrial
100
µA
DC Characteristics – ATFS10/40
V
CC =3.3V ± 10%
Symbol
Description
Min
Max
Units
V
IH
High-level Input Voltage
2.0
V
CC
V
VIL
Low-level Input Voltage
0.0
0.8
V
VOH
High-level Output Voltage (IOH =-2.5mA)
Commercial
2.4
V
VOL
Low-level Output Voltage (IOL =+3 mA)
0.4
V
VOH
High-level Output Voltage (IOH =-2 mA)
Industrial
2.4
V
V
OL
Low-level Output Voltage (I
OL =+3 mA)
0.4
V
I
CCA
Supply Current, Active Mode
5
mA
IL
Input or Output Leakage Current (VIN =VCC or GND)
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
100
µA
Industrial
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com