Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS70WS
Description  Schottky barrier diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS70WS Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS70WS Datasheet HTML 1Page - Diode Semiconductor Korea BAS70WS Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky barrier diodes
BAS70WS
FEATURES
Pb
Lead-free
Low turn-on voltage.
Fast switching.
PN junction guard for transient and ESD protection.
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS70WS
K73
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Reverse Voltage
VRRM
VRWM
VR
70
V
RMS reverse voltage
VR(RMS)
49
V
Forward Continuous Current
IF
70
mA
Peak forward surge current@<1.0s
IFSM
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃
/W
Junction and Storage Temperature Rage
Tj,TSTG
-65 to+150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
70
-
V
IR=10μA
Forward Voltage
VF
-
410
1000
mV
IF=1.0mA
IF=15mA
Reverse Current
IR
-
100
nA
VR=50V
Capacitance between terminals
CT
-
2
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
5
ns
IF=IR=10mA,
RL=100Ω
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com