Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-03-R10 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AIAS-03-R10
Description  Shielded Axial Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-03-R10 Datasheet(HTML) 3 Page - Abracon Corporation

  AIAS-03-R10 Datasheet HTML 1Page - Abracon Corporation AIAS-03-R10 Datasheet HTML 2Page - Abracon Corporation AIAS-03-R10 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AIAS-03-
-
Inductance Code
Please refer to the
table above
Tolerance
J: ±5%
K: ±10%
Packaging
T: Tape and Reel (3kpcs / reel)
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.21.12
Visit www.abracon.com for Terms & Conditions of Sale
Shielded Axial Inductor
AIAS-03
10.4 x ϕ4.11 mm
PART NUMBER IDENTIFICATION:
A
4.11
B
10.4
C Typ
29.2
D
0.644
OUTLINE DIMENSIONS:
Packing (3,000pcs / Reel)
B
5+/-0.5
C
6+/-1.0
D
19 min
E
52+/-1.5mm
F
1.20 max
G
0.5 max
H
3.2 min
A
357+/-2
B
17+/-2
C
66+/-2
D
80+/-2
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com