Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-03-R15 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAS-03-R15
Description  Shielded Axial Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-03-R15 Datasheet(HTML) 2 Page - Abracon Corporation

  AIAS-03-R15 Datasheet HTML 1Page - Abracon Corporation AIAS-03-R15 Datasheet HTML 2Page - Abracon Corporation AIAS-03-R15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.21.12
Visit www.abracon.com for Terms & Conditions of Sale
Shielded Axial Inductor
AIAS-03
10.4 x ϕ4.11 mm
Part No.
AIAS-03-
Inductance Code
L(µH)
Tolerance
Q (min)
L, Q Test
Freq.
SRF(MHz)
DCR(Ω)
ISAT(mA)
(MHz)
(min)
(max)
(max)
AIAS-03-101
100
J, K
50
2.5
10.0
3.12
120
AIAS-03-121
120
J, K
55
0.79
9.7
3.60
95
AIAS-03-151
150
J, K
55
0.79
8.5
4.10
90
AIAS-03-181
180
J, K
55
0.79
8.0
4.40
85
AIAS-03-221
220
J, K
55
0.79
7.5
5.0
80
AIAS-03-271
270
J, K
55
0.79
7.0
5.8
70
AIAS-03-331
330
J, K
55
0.79
6.5
6.4
65
AIAS-03-391
390
J, K
60
0.79
6.2
7.4
60
AIAS-03-471
470
J, K
60
0.79
5.7
9.5
58
AIAS-03-561
560
J, K
60
0.79
4.7
10.5
55
AIAS-03-681
680
J, K
60
0.79
4.5
11.8
50
AIAS-03-821
820
J, K
57
0.79
4.2
13.0
45
AIAS-03-102
1000
J, K
65
0.79
3.8
17.5
40
AIAS-03-122
1200
J, K
45
0.25
1.5
22.1
35
AIAS-03-152
1500
J, K
45
0.25
1.2
26.5
33
AIAS-03-182
1800
J, K
45
0.25
1.0
29.9
30
AIAS-03-222
2200
J, K
45
0.25
0.97
33.8
27
AIAS-03-272
2700
J, K
45
0.25
0.92
47.3
25
AIAS-03-332
3300
J, K
45
0.25
0.84
53.0
22
AIAS-03-392
3900
J, K
45
0.25
0.8
73.8
20
AIAS-03-472
4700
J, K
45
0.25
0.74
81.6
19
AIAS-03-562
5600
J, K
44
0.25
0.73
98.9
17
AIAS-03-682
6800
J, K
40
0.25
0.66
111
16
AIAS-03-822
8200
J, K
40
0.25
0.54
119
15
AIAS-03-103
10000
J, K
40
0.25
0.47
137
14
AIAS-03-123
12000
J, K
30
0.079
0.33
143
13
AIAS-03-153
15000
J, K
30
0.079
0.29
157
12
AIAS-03-183
18000
J, K
30
0.079
0.28
175
10
AIAS-03-223
22000
J, K
27
0.079
0.25
274
9
AIAS-03-273
27000
J, K
27
0.079
0.21
308
8
AIAS-03-333
33000
J, K
27
0.079
0.19
343
7.5
AIAS-03-393
39000
J, K
27
0.079
0.17
376
6
AIAS-03-473
47000
J, K
23
0.079
0.16
473
5.5
AIAS-03-563
56000
J, K
23
0.079
0.14
512
5
AIAS-03-683
68000
J, K
23
0.079
0.13
580
4
AIAS-03-823
82000
J, K
21
0.079
0.12
618
3.5
AIAS-03-104
100000
J, K
18
0.079
0.11
678
3
Test Conditions
1. L & Q: HP 4342A
2. Isat : CH-301 current source & LCR meter. Based on the inductance change within 10% of initial value
3. RDC : CH-301 current source & LCR meter
4. SRF : HP-4191A .HP-4291B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com