Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-03-R22 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIAS-03-R22
Description  Shielded Axial Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-03-R22 Datasheet(HTML) 1 Page - Abracon Corporation

  AIAS-03-R22 Datasheet HTML 1Page - Abracon Corporation AIAS-03-R22 Datasheet HTML 2Page - Abracon Corporation AIAS-03-R22 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Switching power converters in power supply circuits
• Ideal for telecommunication and RF applications
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.21.12
Visit www.abracon.com for Terms & Conditions of Sale
Shielded Axial Inductor
AIAS-03
PARAMETERS
ABRACON P/N:
AIAS-03
Operating temperature:
-55°C ~ +105 °C
Storage temperature:
-40°C to + 125°C
10.4 x ϕ4.11 mm
• Low cost.
• High Q and SRF, Low RDC.
• Permanent Color Band.
Part No.
AIAS-03-
Inductance Code
L(µH)
Tolerance
Q (min)
L, Q Test
Freq.
SRF(MHz)
DCR(Ω)
ISAT(mA)
(MHz)
(min)
(max)
(max)
AIAS-03-R10
0.10
K
50
25
250
0.025
1790
AIAS-03-R12
0.12
K
51
25
250
0.340
1530
AIAS-03-R15
0.15
K
51
25
250
0.037
1470
AIAS-03-R18
0.18
K
50
25
250
0.047
1300
AIAS-03-R22
0.22
K
49
25
250
0.067
1100
AIAS-03-R27
0.27
K
47
25
250
0.11
855
AIAS-03-R33
0.33
K
46
25
250
0.13
780
AIAS-03-R39
0.39
K
44
25
250
0.18
670
AIAS-03-R47
0.47
K
44
25
235
0.25
565
AIAS-03-R56
0.56
K
43
25
210
0.33
490
AIAS-03-R68
0.68
K
42
25
190
0.45
420
AIAS-03-R82
0.82
K
40
25
180
0.59
370
AIAS-03-1R0
1.0
K
40
25
140
0.07
1070
AIAS-03-1R2
1.2
K
44
7.9
130
0.10
895
AIAS-03-1R5
1.5
K
44
7.9
115
0.12
815
AIAS-03-1R8
1.8
K
44
7.9
105
0.14
775
AIAS-03-2R2
2.2
K
44
7.9
100
0.19
650
AIAS-03-2R7
2.7
K
44
7.9
92
0.28
535
AIAS-03-3R3
3.3
K
44
7.9
85
0.35
480
AIAS-03-3R9
3.9
K
44
7.9
75
0.40
450
AIAS-03-4R7
4.7
K
44
7.9
70
0.55
380
AIAS-03-5R6
5.6
K
44
7.9
65
0.72
335
AIAS-03-6R8
6.8
K
50
7.9
55
1.02
280
AIAS-03-8R2
8.2
K
50
7.9
50
1.32
250
AIAS-03-100
10
K
50
7.9
46
1.62
220
AIAS-03-120
12
K
55
2.5
44
2.00
200
AIAS-03-150
15
K
45
2.5
49
0.80
250
AIAS-03-180
18
K
45
2.5
45
0.89
235
AIAS-03-220
22
K
45
2.5
41
0.96
220
AIAS-03-270
27
K
45
2.5
38
1.19
200
AIAS-03-330
33
K
45
2.5
34
1.37
190
AIAS-03-390
39
K
50
2.5
29
1.93
180
AIAS-03-470
47
K
50
2.5
27
2.11
175
AIAS-03-560
56
K
40
2.5
25
2.23
160
AIAS-03-680
68
K
50
2.5
21
2.70
150
AIAS-03-820
82
K
50
2.5
10.5
2.44
140


Similar Part No. - AIAS-03-R22

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAS-03-R22K ABRACON-AIAS-03-R22K Datasheet
119Kb / 4P
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
More results

Similar Description - AIAS-03-R22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
AXIAL INDUCTOR
20080714-A
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
AXIAL INDUCTOR
20091221-C
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
AXIAL INDUCTOR
20090325-B
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
Axial Power Inductor
10.16.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com