Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AICC-03-R39 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AICC-03-R39
Description  Conformal Coated Axial Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AICC-03-R39 Datasheet(HTML) 2 Page - Abracon Corporation

  AICC-03-R39 Datasheet HTML 1Page - Abracon Corporation AICC-03-R39 Datasheet HTML 2Page - Abracon Corporation AICC-03-R39 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.04.12
Visit www.abracon.com for Terms & Conditions of Sale
Conformal Coated Axial Inductor
AICC-03
9.53 x ϕ3.30
PART IDENTIFICATION:
Dimension: inch (mm)
OUTLINE DRAWING:
AICC-03-
-
Inductance Code
Please refer to the
table above
Tolerance
J: ±5%
K: ±10%
Packaging
T: Tape and Reel (5kpcs / reel)
A (Max)
0.375 (9.53)
B
0.13±0.010 (3.30±0.25)
C Typ
1.05 (26.7)
D Typ
0.020 (0.51)
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com